Part Number Hot Search : 
STK40 150U60DM R1WV6416 IRF6616 GMA7175C ATR06 S7809 MAX12
Product Description
Full Text Search
 

To Download GBPC25005W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBPC25005/W - GBPC2510/W
25A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * * * Glass Passivated Die Construction Diffused Junction Low Reverse Leakage Current Low Power Loss, High Efficiency Surge Overload Rating to 300A Peak Electrically Isolated Metal Base for Maximum Heat Dissipation Case to Terminal Isolation Voltage 1500V UL Listed Under Recognized Component Index, File Number E94661
GBPC
H B E
GBPC / GBPC-W Dim A
A
C
(AC)
Min 28.30 7.40 16.10 18.80 13.80 5.08AE 17.60 10.90 0.97AE 31.80 17.60
Max 28.80 8.25 17.10 21.30 14.80 5.59AE 18.60 11.90 1.07AE 3/4 18.60
H
B C E G H J K L M
J
(-)
(+)
C
(AC)
A
Hole for #10 screw
Mechanical Data
* * * * * * * * Case: Molded Plastic with Heatsink Internally Mounted in the Bridge Encapsulation Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: As Marked on Case Mounting: Through Hole for #10 Screw Mounting Torque: 8.0 Inch-pounds Maximum GBPC Weight: 20 grams (approx.) GBPC-W Weight: 14 grams (approx.) Mounting Position: Any
G
GBPC-W
H B M L
P
H
A
P
(AC)
All Dimensions in mm
(+)
P
(-)
K
(AC)
A
"W" Suffix Designates Wire Leads No Suffix Designates Faston Terminals
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @ TC = 60C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (per element) @ IF = 12.5A Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing Typical Junction Capacitance Typical Thermal Resistance per leg Operating and Storage Temperature Range Notes: @ TC = 25C @ TC = 125C (Note 1) (Note 2) (Note 3)
@ TA = 25C unless otherwise specified
Symbol GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 GBPC25 Unit 005/W 01/W 02/W 04/W 06/W 08/W 10/W VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2t Cj RqJC Tj, TSTG 50 35 100 70 200 140 400 280 25 300 1.1 5.0 500 374 300 1.3 -65 to +150 600 420 800 560 1000 700 V V A A V mA A2s pF C/W C
1. Non-repetitive, for t > 1.0ms and t < 8.3ms. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Thermal resistance junction to case mounted on heatsink.
DS21209 Rev. G-2
1 of 2
GBPC25005/W - GBPC2510/W
IF, AVERAGE FORWARD CURRENT (A)
Mounted on a 220 x 220 x 50 mm AL plate heatsink
30
IF, INSTANTANEOUS FORWARD CURRENT (A)
40
100
10
20
1.0
10
0.1
Tj = 25C
Resistive or Inductive load
0
0
25
50
75
100
125
150
0.01
Pulse Width = 300s
0
0.2
0.4 0.6
0.8
1.0
1.2
1.4
1.6 1.8
TC, CASE TEMPERATURE (C) Fig. 1 Forward. Current Derating Curve
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
IFSM, PEAK FWD. SURGE CURRENT (A)
400
Single Half-Sine Wave (JEDEC Method)
1000
f = 1 Mhz Tj = 25C
200
Cj, CAPACITANCE (pF)
Tj = 150C
300
100
100
0 1
10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Max Non-Repetitive Surge Current
100
10 0.1 1.0 10 100 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance (per element)
IR, INSTANTANEOUS REVERSE CURRENT (A)
100
Tj = 125C
10
Tj = 130C
1.0
Tj = 25C
0.1
0.01
50V - 400V 600V - 1000V
20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics (per element)
DS21209 Rev. G-2
2 of 2
GBPC25005/W - GBPC2510/W


▲Up To Search▲   

 
Price & Availability of GBPC25005W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X